công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 639 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 639 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 635Page - Renesas Technology Corp H8S/2112 Datasheet HTML 636Page - Renesas Technology Corp H8S/2112 Datasheet HTML 637Page - Renesas Technology Corp H8S/2112 Datasheet HTML 638Page - Renesas Technology Corp H8S/2112 Datasheet HTML 639Page - Renesas Technology Corp H8S/2112 Datasheet HTML 640Page - Renesas Technology Corp H8S/2112 Datasheet HTML 641Page - Renesas Technology Corp H8S/2112 Datasheet HTML 642Page - Renesas Technology Corp H8S/2112 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 615 of 866
REJ09B0451-0100
19.5.2
SMI, HIRQ1, HIRQ3, HIRQ4, HIRQ5, HIRQ6, HIRQ7, HIRQ8, HIRQ9,
HIRQ10, HIRQ11, HIRQ12, HIRQ13, HIRQ14, and HIRQ15
The LPC interface can request 15 kinds of host interrupt by means of SERIRQ. HIRQ1 and
HIRQ12 are used on LPC channel 1 and the SCIF, while SMI, HIRQ6, HIRQ9, HIRQ10, and
HIRQ11 can be requested from LPC channel 2, 3, 4 or SCIF. HIRQ3, HIRQ4, HIRQ5, HIRQ7,
HIRQ8, HIRQ13, HIRQ14, and HIRQ15 are only for the SCIF.
There are two ways of clearing a host interrupt request when the LPC channels are used.
When the IEDIR bit in SIRQCR is cleared to 0, host interrupt sources and LPC channels are all
linked to the host interrupt request enable bits. When the OBF flag is cleared to 0 by a read of
ODR or TWR15 by the host in the corresponding LPC channel, the corresponding host interrupt
enable bit is automatically cleared to 0, and the host interrupt request is cleared.
When the IEDIR bit is set to 1 in SIRQCR, a host interrupt is requested by the only upon the host
interrupt enable bits. The host interrupt enable bit is not cleared when OBF is cleared. Therefore,
SMIE1, SMIE2, SMIE3A and SMIE3B, SMIE, IRQ10En, and IRQ11En lose their respective
functional differences. In order to clear a host interrupt request, it is necessary to clear the host
interrupt enable bit. (n = 2 to 4.)
When the SCIF channels are used, clearing the DDCD bit in FMSR of the SCIF clears a host
interrupt request.
Table 19.10 summarizes the methods of setting and clearing these bits when the LPC channels are
used, and table 19.11 summarizes the methods of setting and clearing these bits when the SCIF
channels are used. Figure 19.8 shows the processing flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com