công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 636 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 636 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 632Page - Renesas Technology Corp H8S/2112 Datasheet HTML 633Page - Renesas Technology Corp H8S/2112 Datasheet HTML 634Page - Renesas Technology Corp H8S/2112 Datasheet HTML 635Page - Renesas Technology Corp H8S/2112 Datasheet HTML 636Page - Renesas Technology Corp H8S/2112 Datasheet HTML 637Page - Renesas Technology Corp H8S/2112 Datasheet HTML 638Page - Renesas Technology Corp H8S/2112 Datasheet HTML 639Page - Renesas Technology Corp H8S/2112 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 612 of 866
REJ09B0451-0100
Table 19.8
Serialized Interrupt Transfer Cycle Frame Configuration
Serial Interrupt Transfer Cycle
Frame
Count
Contents
Drive
Source
Number
of States
Notes
0
Start
Slave
Host
6
In quiet mode only, slave drive possible in first
state, then next 3 states 0-driven by host
1
IRQ0
Slave
3
2
IRQ1
Slave
3
Drive possible in LPC channel 1 and SCIF
3
SMI
Slave
3
Drive possible in LPC channels 2, 3, 4, and
SCIF
4
IRQ3
Slave
3
Drive possible in SCIF
5
IRQ4
Slave
3
Drive possible in SCIF
6
IRQ5
Slave
3
Drive possible in SCIF
7
IRQ6
Slave
3
Drive possible in LPC channels 2, 3, 4, and
SCIF
8
IRQ7
Slave
3
Drive possible in SCIF
9
IRQ8
Slave
3
Drive possible in SCIF
10
IRQ9
Slave
3
Drive possible in LPC channels 2, 3, 4, and
SCIF
11
IRQ10
Slave
3
Drive possible in LPC channels 2, 3, 4, and
SCIF
12
IRQ11
Slave
3
Drive possible in LPC channels 2, 3, 4, and
SCIF
13
IRQ12
Slave
3
Drive possible in LPC channel 1 and SCIF
14
IRQ13
Slave
3
Drive possible in SCIF
15
IRQ14
Slave
3
Drive possible in SCIF
16
IRQ15
Slave
3
Drive possible in SCIF
17
IOCHCK
Slave
3
18
Stop
Host
Undefined
First, 1 or more idle states, then 2 or 3 states
0-driven by host
2 states: Quiet mode next
3 states: Continuous mode next
There are two modes
continuous mode and quiet modefor serialized interrupts. The mode
initiated in the next transfer cycle is selected by the stop frame of the serialized interrupt transfer
cycle that ended before that cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com