công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 638 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 638 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 634Page - Renesas Technology Corp H8S/2112 Datasheet HTML 635Page - Renesas Technology Corp H8S/2112 Datasheet HTML 636Page - Renesas Technology Corp H8S/2112 Datasheet HTML 637Page - Renesas Technology Corp H8S/2112 Datasheet HTML 638Page - Renesas Technology Corp H8S/2112 Datasheet HTML 639Page - Renesas Technology Corp H8S/2112 Datasheet HTML 640Page - Renesas Technology Corp H8S/2112 Datasheet HTML 641Page - Renesas Technology Corp H8S/2112 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 614 of 866
REJ09B0451-0100
19.5
Interrupt Sources
19.5.1
IBFI1, IBFI2, IBFI3, IBFI4, OBEI, and ERRI
The host has six interrupt requests for the slave (this LSI): IBF1, IBF2, IBF3, IBF4, OBEI, and
ERRI. IBFI1, IBFI2, IBFI3, and IBFI4 are IDR receive complete interrupts for IDR1, IDR2, and
IDR3 and TWR, respectively. The ERRI interrupt indicates the occurrence of a special state such
as an LPC reset, LPC shutdown, or transfer cycle abort. OBEI is an output buffer empty interrupt.
An interrupt request is enabled by setting the corresponding enable bit.
Table 19.9
Receive Complete Interrupts and Error Interrupt
Interrupt
Description
IBFI1
When IBFIE1 is set to 1 and IDR1 reception is completed
IBFI2
When IBFIE2 is set to 1 and IDR2 reception is completed
IBFI3
When IBFIE3 is set to 1 and IDR3 reception is completed, or when TWRE and
IBFIE3 are set to 1 and reception is completed up to TWR15
IBFI4
When IBFIE4 is set to 1 and IDR4 reception is completed
OBEI
When OBEIE is set to 1 with OBEI set to 1.
ERRI
When ERRIE is set to 1 and one of LRST, SDWN and ABRT is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com