| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C2K bảng dữ liệu(PDF) 308 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K bảng dữ liệu(HTML) 308 Page - Renesas Technology Corp |
|
308 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 291 of 450 REJ09B0406-0110 BFC0, BFD0, BFC1, BFD1: Bits in TRDMR register Since values cannot be written to the TRDGRB0, TRDGRA1, or TRDGRB1 register directly after count operation starts (prohibited item), use the TRDGRD0, TRDGRC1, or TRDGRD1 register as a buffer register. However, to write data to the TRDGRD0, TRDGRC1, or TRDGRD1 register, set bits BFD0, BFC1, and BFD1 to 0 (general register). After this, bits BFD0, BFC1, and BFD1 may be set to 1 (buffer register). Table 16.46 TRDGRji Register Functions in Complementary PWM Mode Register Setting Register Function PWM Output Pin TRDGRA0 − General register. Set the PWM period at initialization. Setting range: Setting value or above in TRD0 register FFFFh - TRD0 register setting value or below Do not write to this register when the TSTART0 and TSTART1 bits in the TRDSTR register are set to 1 (count starts). (Output inverted every half period of TRDIOC0 pin) TRDGRB0 − General register. Set the changing point of PWM1 output at initialization. Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Do not write to this register when the TSTART0 and TSTART1 bits in the TRDSTR register are set to 1 (count starts). TRDIOB0 TRDIOD0 TRDGRA1 − General register. Set the changing point of PWM2 output at initialization. Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Do not write to this register when the TSTART0 and TSTART1 bits in the TRDSTR register are set to 1 (count starts). TRDIOA1 TRDIOC1 TRDGRB1 − General register. Set the changing point of PWM3 output at initialization. Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Do not write to this register when the TSTART0 and TSTART1 bits in the TRDSTR register are set to 1 (count starts). TRDIOB1 TRDIOD1 TRDGRC0 − This register is not used in complementary PWM mode. − TRDGRD0 BFD0 = 1 Buffer register. Set the changing point of next PWM1 output. (Refer to 16.4.2 Buffer Operation.) Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Set this register to the same value as the TRDGRB0 register for initialization. TRDIOB0 TRDIOD0 TRDGRC1 BFC1 = 1 Buffer register. Set the changing point of next PWM2 output. (Refer to 16.4.2 Buffer Operation.) Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Set this register to the same value as the TRDGRA1 register for initialization. TRDIOA1 TRDIOC1 TRDGRD1 BFD1 = 1 Buffer register. Set the changing point of next PWM3 output. (Refer to 16.4.2 Buffer Operation.) Setting range: Setting value or above in TRD0 register TRDGRA0 register - TRD0 register setting value or below Set this register to the same value as the TRDGRB1 register for initialization. TRDIOB1 TRDIOD1 |