| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C2K bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp |
|
66 / 471 page ![]() R8C/2K Group, R8C/2L Group 7. Programmable I/O Ports Rev.1.10 Dec 21, 2007 Page 49 of 450 REJ09B0406-0110 Figure 7.3 Configuration of Programmable I/O Ports (3) Direction register 1 Data bus Pull-up selection Input to individual peripheral function Output from individual peripheral function P2 Drive capacity selection Drive capacity selection P1_6 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Output from individual peripheral function NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) (Note 1) (Note 1) Port latch Port latch |