| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C2K bảng dữ liệu(PDF) 151 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K bảng dữ liệu(HTML) 151 Page - Renesas Technology Corp |
|
151 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 134 of 450 REJ09B0406-0110 16. Timers The MCU has two 8-bit timers with 8-bit prescalers and two 16-bit timers. The two 8-bit timers with 8-bit prescalers are timer RA and timer RB. These timers contain a reload register to store the default value of the counter. The two 16- bit timers are timer RC, timer RD, and have input capture and output compare functions. All the timers operate independently. Tables 16.1 lists Functional Comparison of Timers. |