công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C bảng dữ liệu(PDF) 166 Page - Renesas Technology Corp

tên linh kiện R8C
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C bảng dữ liệu(HTML) 166 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 162Page - Renesas Technology Corp R8C Datasheet HTML 163Page - Renesas Technology Corp R8C Datasheet HTML 164Page - Renesas Technology Corp R8C Datasheet HTML 165Page - Renesas Technology Corp R8C Datasheet HTML 166Page - Renesas Technology Corp R8C Datasheet HTML 167Page - Renesas Technology Corp R8C Datasheet HTML 168Page - Renesas Technology Corp R8C Datasheet HTML 169Page - Renesas Technology Corp R8C Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 156 of 180
REJ09B0019-0120
Full status check
FMR06 =1
and
FMR07=1?
No
Yes
FMR07=0?
No
Yes
NOTES:
1. To rewrite to the address where the program error occurs,
check if the full status check is complete normally and write to
the address after the block erase command is executed.
FMR06=0?
No
Yes
Full status check completed
Command sequence error
Erase error
Program error
Command sequence error
Erase error
Execute the clear status register command
(set these status flags to 0)
Check if command is properly input
Re-execute the command
Execute the clear status register command
(set these status flags to 0)
Erase command
re-execution times
≤ 3 times?
No
Block targeting for
erasure
cannot be used
Re-execute block erase command
Program error
Execute the clear status register command
(set these status flags to 0)
Specify the other address besides the
write address where the error occurs for
the program address (1)
Re-execute program command
Yes
Figure 17.12 Full Status Check and Handling Procedure for Each Error
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com