công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C bảng dữ liệu(PDF) 158 Page - Renesas Technology Corp

tên linh kiện R8C
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C bảng dữ liệu(HTML) 158 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 154Page - Renesas Technology Corp R8C Datasheet HTML 155Page - Renesas Technology Corp R8C Datasheet HTML 156Page - Renesas Technology Corp R8C Datasheet HTML 157Page - Renesas Technology Corp R8C Datasheet HTML 158Page - Renesas Technology Corp R8C Datasheet HTML 159Page - Renesas Technology Corp R8C Datasheet HTML 160Page - Renesas Technology Corp R8C Datasheet HTML 161Page - Renesas Technology Corp R8C Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 148 of 180
REJ09B0019-0120
Figure 17.7 Setting and Resetting of EW1 Mode
Set CM0 and CM1 registers(1)
Set the FMR01 bit by writing “0” and then “1” (CPU rewrite
mode enabled)(2)
Set the FMR11 bit by writing “0” and then “1” (EW1 mode)
Program in ROM
EW1 mode operation procedure
Execute software commands
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
NOTES:
1. Select 5 MHz or less for CPU clock using the CM06 bit in the CM0
register and the CM17 to CM16 bits in the CM1 register.
2. To set the FMR01 bit to “1”, write “0” and then “1” in succession.
Make sure no interrupts will occur before writing “1” after writing “0”.
Execute the Read Array command(3)
Set CM0 and CM1 registers(1)
Execute software commands
Jump to the rewrite control program which has been
transferred to any area other than the flash memory
(The subsequent processing is executed by the
rewrite control program in any area other than the
flash memory)
Transfer a CPU rewrite mode based rewrite control
program to any area other than the flash memory
Write “0” to the FMR01 bit
(CPU rewrite mode disabled)
Set the FMR01 bit by writing “0” and then “1”
(CPU rewrite mode enabled)(2)
EW0 mode operation procedure
Rewrite control program
Jump to a specified address in the flash memory
NOTES:
1. Select 5 MHz or less for CPU clock using the CM06 bit in the CM0 register and the CM17 to CM16 bits in the CM1 register.
2. To set the FMR01 bit to “1”, write “0” and then “1” in succession. Make sure no interrupts will occur before writing “1” after writing “0”.
Write to the FMR01 bit from a program in other than the flash memory.
3. Disables the CPU rewrite mode after executing the Read Array command.
Figure 17.6 Setting and Resetting of EW0 Mode
Figures 17.6 and 17.7 show the setting and resetting of EW0 mode and EW1 mode, respectively.
17.4 CPU Rewrite Mode
During Erase
Erase
Starts
FMR00
FMR46
Erase
Suspends
Erase
Starts
Check that the FMR00 bit is
set to “0”, and that the erase
operation has not ended.
Check the status,
and that the program
ends normally.
Erase
Ends
During Erase
Figures 17.5 shows the timing on suspend operation.
Figure 17.5 Timing on Suspend Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com