công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R8C bảng dữ liệu(PDF) 101 Page - Renesas Technology Corp

tên linh kiện R8C
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C bảng dữ liệu(HTML) 101 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 97Page - Renesas Technology Corp R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp R8C Datasheet HTML 101Page - Renesas Technology Corp R8C Datasheet HTML 102Page - Renesas Technology Corp R8C Datasheet HTML 103Page - Renesas Technology Corp R8C Datasheet HTML 104Page - Renesas Technology Corp R8C Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 199 page
background image
R8C/10 Group
13. Serial Interface
Rev.1.20 Jan 27, 2006
page 91 of 180
REJ09B0019-0120
Figure 13.3 U0TB and U1TB Registers, U0RB and U1RB Registers, and U0BRG and U1BRG Registers
b7
(b15)
(b15)
SymbolAddressAfter reset
U0RB00A716-00A616
Indeterminate
U1RB00AF16-00AE16
Indeterminate
b7
b0
(b8)
b7
b0
UARTi receive buffer register(1) (i=0, 1)
Function
Bit name
Bit
symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
NOTES:
1. Read out the UiRB register in 16-bit unit.
2. All of the SUM, PER, FER and OER bits are set to “0” (no error) when the SMD2 to SMD0 bits in the UiMR register are set to “0002” (serial interface
disabled) or the RE bit in the UiC1 register is set to “0” (reception disabled). The SUM bit is set to “0” (no error) when all of the PER, FER and OER
bits are set to “0” (no error).
The PER and FER bits are set to “0” even when the higher byte of the UiRB register is read.
OER
FER
PER
SUM
Overrun error flag(2)
Framing error flag(2)
Parity error flag(2)
Error sum flag(2)
0 : No overrun error
1 : Overrun error found
Receive data (D7 to D0)
UARTi bit rate register(1, 2, 3) (i=0, 1)
b0
SymbolAddressAfter reset
U0BRG00A116
Indeterminate
U1BRG00A916
Indeterminate
Function
Assuming that set value = n, UiBRG divides the count source
by n + 1
0016 to FF16
Setting range
NOTES:
1. Write to this register while serial interface is neither transmitting nor receiving.
2. Use MOV instruction to write to this register.
3. After setting the CLK0 to CLK1 bits of the UiC0 register, write to the UiBRG register.
b7
b0
(b8)
b7
b0
UARTi transmit buffer register(1, 2) (i=0, 1)
Function
Transmit data
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
SymbolAddressAfter reset
U0TB00A316-00A216
Indeterminate
U1TB00AB16-00AA16
Indeterminate
RW
NOTES:
1. When transfer data length is 9-bit long, write high-byte first then low-byte.
2. Use MOV instruction to write to this register.
WO
RW
RO
RO
RO
RO
RO
(b7-b0)
(b11-b9)
RW
WO
Receive data (D8)
RO
(b8)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
Bit
symbol
(b8-b0)
(b15-b9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com