| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5S72011 bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5S72011 bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp |
|
97 / 1196 page ![]() Section 3 Floating-Point Unit (FPU) Rev. 2.00 Sep. 07, 2007 Page 69 of 1164 REJ09B0321-0200 Bit Bit Name Initial Value R/W Description 17 to 12 Cause All 0 R/W 11 to 7 Enable All 0 R/W 6 to 2 Flag All 0 R/W FPU Exception Cause Field FPU Exception Enable Field FPU Exception Flag Field When an FPU exception occurs, the bits corresponding to the FPU exception cause field and FPU exception flag field are set to 1. Each time an FPU operation instruction is executed, the FPU exception cause field is cleared to 0. The FPU exception flag field remains set to 1 until it is cleared to 0 by software. For bit allocations of each field, see table 3.3. 1 0 RM1 RM0 0 1 R/W R/W Rounding Mode These bits select the rounding mode. 00: Round to Nearest 01: Round to Zero 10: Reserved 11: Reserved Table 3.3 Bit Allocation for FPU Exception Handling Field Name FPU Error (E) Invalid Operation (V) Division by Zero (Z) Overflow (O) Underflow (U) Inexact (I) Cause FPU exception cause field Bit 17 Bit 16 Bit 15 Bit 14 Bit 13 Bit 12 Enable FPU exception enable field None Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Flag FPU exception flag field None Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Note: No FPU error occurs in the SH2A-FPU. 3.3.3 Floating-Point Communication Register (FPUL) Information is transferred between the FPU and CPU via FPUL. FPUL is a 32-bit system register that is accessed from the CPU side by means of LDS and STS instructions. For example, to convert the integer stored in general register R1 to a single-precision floating-point number, the processing flow is as follows: R1 → (LDS instruction) → FPUL → (single-precision FLOAT instruction) → FR1 |