| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5S72011 bảng dữ liệu(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5S72011 bảng dữ liệu(HTML) 55 Page - Renesas Technology Corp |
|
55 / 1196 page ![]() Section 2 CPU Rev. 2.00 Sep. 07, 2007 Page 27 of 1164 REJ09B0321-0200 (5) Load-Store Architecture Basic operations are executed between registers. For operations that involve memory access, data is loaded to the registers and executed (load-store architecture). Instructions such as AND that manipulate bits, however, are executed directly in memory. (6) Delayed Branch Instructions With the exception of some instructions, unconditional branch instructions, etc., are executed as delayed branch instructions. With a delayed branch instruction, the branch is taken after execution of the instruction immediately following the delayed branch instruction. This reduces disturbance of the pipeline control when a branch is taken. In a delayed branch, the actual branch operation occurs after execution of the slot instruction. However, instruction execution such as register updating excluding the actual branch operation, is performed in the order of delayed branch instruction → delay slot instruction. For example, even though the contents of the register holding the branch destination address are changed in the delay slot, the branch destination address remains as the register contents prior to the change. Table 2.3 Delayed Branch Instructions SH-2A CPU Description Example of Other CPU BRA TRGET ADD R1,R0 Executes the ADD before branching to TRGET. ADD.W R1,R0 BRA TRGET (7) Unconditional Branch Instructions with No Delay Slot The SH-2A additionally features unconditional branch instructions in which a delay slot instruction is not executed. This eliminates unnecessary NOP instructions, and so reduces the code size. (8) Multiply/Multiply-and-Accumulate Operations 16-bit × 16-bit → 32-bit multiply operations are executed in one to two cycles. 16-bit × 16-bit + 64-bit → 64-bit multiply-and-accumulate operations are executed in two to three cycles. 32-bit × 32-bit → 64-bit multiply and 32-bit × 32-bit + 64-bit → 64-bit multiply-and-accumulate operations are executed in two to four cycles. |