công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C86EB bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp

tên linh kiện M38C86EB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C86EB bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp

Back Button M38C86EB Datasheet HTML 25Page - Renesas Technology Corp M38C86EB Datasheet HTML 26Page - Renesas Technology Corp M38C86EB Datasheet HTML 27Page - Renesas Technology Corp M38C86EB Datasheet HTML 28Page - Renesas Technology Corp M38C86EB Datasheet HTML 29Page - Renesas Technology Corp M38C86EB Datasheet HTML 30Page - Renesas Technology Corp M38C86EB Datasheet HTML 31Page - Renesas Technology Corp M38C86EB Datasheet HTML 32Page - Renesas Technology Corp M38C86EB Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
28
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
A-D CONVERTER
[A-D Conversion Registers (ADL, ADH)] 003216,
003316
The A-D conversion registers are read-only registers that contain the
result of an A-D conversion. During A-D conversion, do not read these
registers.
[A-D Control Register (ADCON)] 003116
The A-D control register controls the A-D conversion process. Bits 0
to 2 are analog input pin selection bits. Bit 3 is an A-D conversion
completion bit and “0” during A-D conversion, then changes to “1”
when the A-D conversion is completed. Writing “0” to this bit starts
the A-D conversion. When bit 5, which is the A-D external trigger
valid bit, is set to “1”, A-D conversion is started even by a rising edge
or falling edge of an ADT input.
Comparator and Control Circuit
The comparator and control circuit compares an analog input volt-
age with the comparison voltage and stores the result in the A-D
conversion register. When an A-D conversion is completed, the con-
trol circuit sets the A-D conversion completion bit and the A-D inter-
rupt request bit to “1”.
Because the comparator consists of a capacitor coupling, a deficient
conversion speed may cause lack of electric charge and make the
conversion accuracy worse. When A-D conversion is performed, set
f(XIN) to at least 500 kHz.
When both bit 5 and bit 4 of the CPU mode register are set to “1”,
A-D conversion is performed by using the built-in self-oscillation
circuit.
Trigger Start
When using the A-D external trigger, set the port shared with the
ADT pin to input. The polarity of INT1 interrupt edge also applies to
the A-D external trigger. When the INT1 interrupt edge polarity is
switched after an external trigger is validated, an A-D conversion
may be started.
Fig. 26 A-D converter block diagram
Fig. 25 Structure of A-D control register
Resistor ladder
The resistor ladder outputs the comparison voltage by dividing the
voltage between VDD and VSS by resistance.
Channel Selector
The channel selector selects one of the ports P33/AIN3–P30/AIN0 and
ports P10/AIN4–P13/AIN7, and inputs it to the comparator.
A-D control register
(ADCON : address 003116)
Analog input pin selection bits
0 0 0 : P30/AIN0
0 0 1 : P31/AIN1
0 1 0 : P32/AIN2
0 1 1 : P33/AIN3
1 0 0 : P10/AIN4
1 0 1 : P11/AIN5
1 1 0 : P12/AIN6
1 1 1 : P13/AIN7
b7
b0
b7
b9 b8 b7 b6 b5 b4 b3 b2
b9 b8
b7 b6 b5 b4 b3 b2
•8-bit read (Read only address 003216.)
A-D conversion register (low-order)
(ADL: Address 003216)
•10-bit read (Read address 003316 first.)
Note: High-order 6 bits of address 003316 becomes “0” at reading.
b1 b0
b0
A-D conversion register (low-order)
(ADL: Address 003216)
A-D conversion register (high-order)
(ADH: Address 003316)
b7
b0
b7
b0
A-D conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Not used (return “0” when read)
A-D external trigger valid bit
0 : A-D external trigger invalid
1 : A-D external trigger valid
Not used (return “0” when read)
A-D control circuit
VSS
b7
b0
3
P30/AIN0
P31/AIN1
P32/AIN2
P33/AIN3
P10/AIN4
P11/AIN5
P12/AIN6
P13/AIN7
10
P41/INT1/ADT
(H)
(L)
VCC
Data bus
A-D control register
A-D conversion register
Resistor ladder
Comparater
A-D interrupt request
A-D conversion register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com