công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C86EB bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện M38C86EB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C86EB bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button M38C86EB Datasheet HTML 16Page - Renesas Technology Corp M38C86EB Datasheet HTML 17Page - Renesas Technology Corp M38C86EB Datasheet HTML 18Page - Renesas Technology Corp M38C86EB Datasheet HTML 19Page - Renesas Technology Corp M38C86EB Datasheet HTML 20Page - Renesas Technology Corp M38C86EB Datasheet HTML 21Page - Renesas Technology Corp M38C86EB Datasheet HTML 22Page - Renesas Technology Corp M38C86EB Datasheet HTML 23Page - Renesas Technology Corp M38C86EB Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
19
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Key Input Interrupt (Key-on Wake-Up)
A key input interrupt request is generated by applying “L” level to any
pin of port P2 that have been set to input mode. In other words, it is
generated when AND of input level goes from “1” to “0”. An example
of using a key input interrupt is shown in Figure 15, where an inter-
rupt request is generated by pressing one of the keys consisted as
an active-low key matrix which inputs to ports P20–P23.
Fig. 15 Connection example when using key input interrupt and port P2 block diagram
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
Port P20
latch
Port P21
latch
Port P22
latch
Port P23
latch
Port P24
latch
Port P25
latch
Port P26
latch
Port P27
latch
P20 input
P21 input
P22 input
P23 input
P24 output
P25 output
P26 output
P27 output
PULL register A
Bit 5 = “1”
Port P2
Input reading circuit
Port PXx
“L” level output
✽
P-channel transistor for pull-up
✽✽
CMOS output buffer
Key input interrupt request
Port P27 direction
register = “1”
Port P26 direction
register = “1”
Port P25 direction
register = “1”
Port P24 direction
register = “1”
Port P23 direction
register = “0”
Port P22 direction
register = “0”
Port P21 direction
register = “0”
Port P20 direction
register = “0”
PULL register A
Bit 4 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com