| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38C84EB bảng dữ liệu(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38C84EB bảng dữ liệu(HTML) 55 Page - Renesas Technology Corp |
|
55 / 55 page ![]() REVISION HISTORY 38C8 GROUP DATA SHEET Rev. Date Description Page Summary (2/2) 1.4 06/25/02 15 17 19 20 20 21 25 30 31 31 32 35 37 38 39 40 41, 42 44 46 47 (1) in Figure 11 is partly revised. Some source numbers in “[INTERRUPTS]” are corrected. Figure 15 is partly revised. The mode name (buzzer output mode) in Figure 16 is corrected.The mode name of bit 6 in Figure 17 is corrected. Explanations of “[(2) Buzzer Output Mode]” are partly added. f(XCIN) in Figure 22 is added. Explanations of “[LC2]” are partly revised. Explanations of “[Bias Control]” and “[Voltage Multiplier]” are partly revised. Table 8 is partly revised. Explanations of “[LCD Display RAM]” is partly revised. Note in Figure 33 is eliminated. Explanations of “[(1) Stop Mode]” is partly revised. Note in Figure 38 is partly revised. Bit 4 name in Figure 39 is revised. Explanations of “[A-D Converter]” is partly revised. “[NOTES ON USE]” is added. Table 12 is partly revised. Table 15 is partly revised. Table 16 is partly revised. 1.5 10/23/02 15 (3), (4) and (5) in Figure 11 are partly revised. |