công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C84EB bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện M38C84EB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 37Page - Renesas Technology Corp M38C84EB Datasheet HTML 38Page - Renesas Technology Corp M38C84EB Datasheet HTML 39Page - Renesas Technology Corp M38C84EB Datasheet HTML 40Page - Renesas Technology Corp M38C84EB Datasheet HTML 41Page - Renesas Technology Corp M38C84EB Datasheet HTML 42Page - Renesas Technology Corp M38C84EB Datasheet HTML 43Page - Renesas Technology Corp M38C84EB Datasheet HTML 44Page - Renesas Technology Corp M38C84EB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
40
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
NOTES ON PROGRAMMING
Processor Status Register
The contents of the processor status register (PS) after a reset are
undefined, except for the interrupt disable flag (I) which is “1”. After a
reset, initialize flags which affect program execution. In particular, it
is essential to initialize the index X mode (T) and the decimal mode
(D) flags because of their effect on calculations.
Interrupts
The contents of the interrupt request bits do not change immediately
after they have been written. After writing to an interrupt request reg-
ister, execute at least one instruction before performing a BBC or
BBS instruction.
Decimal Calculations
• To calculate in decimal notation, set the decimal mode flag (D) to
“1”, then execute an ADC or SBC instruction. After executing an
ADC or SBC instruction, execute at least one instruction before
executing a SEC, CLC, or CLD instruction.
• In decimal mode, the values of the negative (N), overflow (V), and
zero (Z) flags are invalid.
Timers
If a value n (between 0 and 255) is written to a timer latch, the fre-
quency division ratio is 1/(n+1).
Multiplication and Division Instructions
• The index X mode (T) and the decimal mode (D) flags do not affect
the MUL and DIV instruction.
• The execution of these instructions does not change the contents
of the processor status register.
Ports
The contents of the port direction registers cannot be read. The fol-
lowing cannot be used:
• The data transfer instruction (LDA, etc.)
• The operation instruction when the index X mode flag (T) is “1”
• The addressing mode which uses the value of a direction register
as an index
• The bit-test instruction (BBC or BBS, etc.) to a direction register
• The read-modify-write instructions (ROR, CLB, or SEB, etc.) to a
direction register.
Use instructions such as LDM and STA, etc., to set the port direction
registers.
Serial I/O
In clock synchronous serial I/O, if the receive side is using an exter-
nal clock and it is to output the SRDY signal, set the transmit enable
bit, the receive enable bit, and the SRDY output enable bit to “1”.
Serial I/O continues to output the final bit from the TxD pin after trans-
mission is completed.
A-D Converter
The comparator is constructed linked to a capacitor. When the con-
version speed is not enough, the conversion accuracy might be ru-
ined by the disappearance of the charge. When A-D conversion is
performed, set f(XIN) to at least 500 kHz.
When the following operations are performed, the A-D conversion
operation cannot be guaranteed.
•When the CPU mode register is operated during A-D conversion
operation,
•When the A-D control register is operated during A-D conversion
operation,
•When STP or WIT instruction is executed during A-D conversion
operation.
Instruction Execution Time
The instruction execution time is obtained by multiplying the frequency
of the internal clock
φ by the number of cycles needed to execute an
instruction.
The number of cycles required to execute an instruction is shown in
the list of machine instructions.
LCD Control
When using the voltage multiplier, apply prescribed voltage to the
VLIN pin in the state in which the LCD enable bit is “0”, and set the
voltage multiplier enable bit to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com