công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C83EB bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện M38C83EB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83EB bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button M38C83EB Datasheet HTML 23Page - Renesas Technology Corp M38C83EB Datasheet HTML 24Page - Renesas Technology Corp M38C83EB Datasheet HTML 25Page - Renesas Technology Corp M38C83EB Datasheet HTML 26Page - Renesas Technology Corp M38C83EB Datasheet HTML 27Page - Renesas Technology Corp M38C83EB Datasheet HTML 28Page - Renesas Technology Corp M38C83EB Datasheet HTML 29Page - Renesas Technology Corp M38C83EB Datasheet HTML 30Page - Renesas Technology Corp M38C83EB Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
26
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
[Transmit Buffer/Receive Buffer Register
(TB/RB)] 001816
The transmit buffer register and the receive buffer register are lo-
cated at the same address. The transmit buffer register is write-only
and the receive buffer register is read-only. If a character bit length is
7 bits, the MSB of data stored in the receive buffer register is “0”.
[Serial I/O Status Register (SIOSTS)] 001916
The read-only serial I/O status register consists of seven flags (bits 0
to 6) which indicate the operating status of the serial I/O function and
various errors.
Three of the flags (bits 4 to 6) are valid only in UART mode.
The receive buffer full flag (bit 1) is cleared to “0” when the receive
buffer is read.
If there is an error, it is detected at the same time that data is trans-
ferred from the receive shift register to the receive buffer register,
and the receive buffer full flag is set. A write to the serial I/O status
register clears all the error flags OE, PE, FE, and SE. Writing “0” to
the serial I/O enable bit (SIOE) also clears all the status flags, includ-
ing the error flags.
All bits of the serial I/O status register are initialized to “0” at reset,
but if the transmit enable bit (bit 4) of the serial I/O control register
has been set to “1”, the transmit shift register shift completion flag
(bit 2) and the transmit buffer empty flag (bit 0) become “1”.
[Serial I/O Control Register (SIOCON)] 001A16
The serial I/O control register contains eight control bits for the serial
I/O function.
[UART Control Register (UARTCON)] 001B16
This is a 5 bit register containing four control bits, which are valid
when UART is selected and set the data format of an data receiver/
transfer, and one control bit, which is always valid and sets the out-
put structure of the P45/TXD pin.
[Baud Rate Generator (BRG)] 001C16
The baud rate generator determines the baud rate for serial transfer.
The baud rate generator divides the frequency of the count source
by 1/(n + 1), where n is the value written to the baud rate generator.
sNotes on serial I/O
When setting the transmit enable bit to “1”, the serial I/O transmit
interrupt request bit is automatically set to “1”. When not requiring
the interrupt occurrence synchronized with the transmission enabled,
take the following sequence.
➀Set the serial I/O transmit interrupt enable bit to “0” (disabled).
➁Set the transmit enable bit to “1”.
➂Set the serial I/O transmit interrupt request bit to “0” after 1 or more
instructions have been executed.
➃Set the serial I/O transmit interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com