công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C83EB bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp

tên linh kiện M38C83EB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83EB bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp

Back Button M38C83EB Datasheet HTML 47Page - Renesas Technology Corp M38C83EB Datasheet HTML 48Page - Renesas Technology Corp M38C83EB Datasheet HTML 49Page - Renesas Technology Corp M38C83EB Datasheet HTML 50Page - Renesas Technology Corp M38C83EB Datasheet HTML 51Page - Renesas Technology Corp M38C83EB Datasheet HTML 52Page - Renesas Technology Corp M38C83EB Datasheet HTML 53Page - Renesas Technology Corp M38C83EB Datasheet HTML 54Page - Renesas Technology Corp M38C83EB Datasheet HTML 55Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
© 2002MITSUBISHI ELECTRIC CORP.
New publication, effective Oct. 2002.
Specifications subject to change without notice.
Notes regarding these materials
•
These materials are intended as a reference to assist our customers in the selection of the Mitsubishi semiconductor product best suited to the customer’s application; they do not convey any license under any intellectual property
rights, or any other rights, belonging to Mitsubishi Electric Corporation or a third party.
•
Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples
contained in these materials.
•
All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by
Mitsubishi Electric Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product
distributor for the latest product information before purchasing a product listed herein.
The information described here may contain technical inaccuracies or typographical errors. Mitsubishi Electric Corporation assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors.
Please also pay attention to information published by Mitsubishi Electric Corporation by various means, including the Mitsubishi Semiconductor home page (http://www.mitsubishichips.com).
•
When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision
on the applicability of the information and products. Mitsubishi Electric Corporation assumes no responsibility for any damage, liability or other loss resulting from the information contained herein.
•
Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Mitsubishi Electric
Corporation or an authorized Mitsubishi Semiconductor product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical,
aerospace, nuclear, or undersea repeater use.
•
The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole or in part these materials.
•
If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved
destination.
Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited.
•
Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor for further details on these materials or the products contained therein.
Keep safety first in your circuit designs!
•
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to
personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable
material or (iii) prevention against any malfunction or mishap.
PACKAGE OUTLINE
LQFP144-P-2020-0.50
Weight(g)
–
1.23
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
144P6Q-A
Plastic 144pin 20✕20mm body LQFP
–
0.125
–
––
0.2
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
–
–
I2
0.95
–
–
MD
20.4
–
–
ME
20.4
8
°
0
°
0.1
1.0
0.65
0.5
0.35
22.2
22.0
21.8
22.2
22.0
21.8
0.5
20.1
20.0
19.9
20.1
20.0
19.9
0.175
0.125
0.105
0.27
0.22
0.17
1.4
0.05
1.7
e
A
HD
D
1
36
37
72
73
108
109
144
F
e
Lp
0.45
–
–
0.6
0.25
–
0.75
–
0.08
x
A3
MD
l2
Recommended Mount Pad
y
b
x
M
L1
L
Detail F
Lp
MMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com