| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7480 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 98 page ![]() MITSUBISHI MICROCOMPUTERS 7480/7481 GROUP SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 38 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Fig. 39 Structure of A-D control register A-D control register ADCON (address 00D916) Analog input pin selection bits 000 : P20/IN0 001 : P21/IN1 010 : P22/IN2 011 : P23/IN3 100 : P24/IN4 101 : P25/IN5 110 : P26/IN6 111 : P27/IN7 A-D conversion completion bit 0 : Conversion in progress 1 : Conversion completed VREF connection selection bit 0:Disconnect between VREF pin and ladder resistor 1:Connect between VREF pin and ladder resistor b7 b0 Note : Do not perform setting in the 7480 group. (Note) Not used (undefined at read) |