| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404849FS bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404849FS bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 127 page ![]() HD404849 Series 10 0 1 2 3 Bit 3 Bit 2 Bit 1 Bit 0 IMTA (IM of timer A) IFTA (IF of timer A) IM1 (IM of INT1) IF1 (IF of INT1) IMTC (IM of timer C) IFTC (IF of timer C) IMTB (IM of timer B) IFTB (IF of timer B) IMAD (IM of A/D) IFAD (IF of A/D) IMTD (IM of timer D) IFTD (IF of timer D) $000 $001 $002 $003 (a) Interrupt control bits area IM0 (IM of INT0) IF0 (IF of INT0) RSP (Reset SP bit) IE (Interrupt enable flag) 32 33 34 35 ICSF (Input capture status flag) IM3 (IM of INT3) IF3 (IF of INT3) IM2 (IM of INT2) IF2 (IF of INT2) IMS (IM of serial interface) IFS (IF of serial interface) $020 $021 $022 $023 (b) Register flag area DTON (Direct transfer on flag) ADSF (A/D start flag) WDON (Watchdog on flag) LSON (Low speed on flag) ICEF (Input capture error flag) RAME (RAM enable flag) IF: IM: IE: SP: Interrupt request flag Interrupt mask Interrupt enable flag Stack pointer Bit 3 Bit 2 Bit 1 Bit 0 IAOF (A/D current off flag) Not used Not used Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas |