công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404849FS bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp

tên linh kiện HD404849FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404849FS bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp

Back Button HD404849FS Datasheet HTML 42Page - Renesas Technology Corp HD404849FS Datasheet HTML 43Page - Renesas Technology Corp HD404849FS Datasheet HTML 44Page - Renesas Technology Corp HD404849FS Datasheet HTML 45Page - Renesas Technology Corp HD404849FS Datasheet HTML 46Page - Renesas Technology Corp HD404849FS Datasheet HTML 47Page - Renesas Technology Corp HD404849FS Datasheet HTML 48Page - Renesas Technology Corp HD404849FS Datasheet HTML 49Page - Renesas Technology Corp HD404849FS Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
HD404849 Series
44
Input/Output
The MCU has 33 input/output pins (D
0–D8, R0–R3, R6, and R7) and two input pins (D10, D11).
The
features are described below.
• Nine pins (D
0–D8) are high-current input/output pins.
• The D
10, D11, R00–R02, R1–R3, R6, and R7 input/output pins are multiplexed with peripheral function
pins such as for the timers or serial interface. For these pins, the peripheral function setting is done
prior to the D or R port setting. Therefore, when a peripheral function is selected for a pin, the pin
function and input/output selection are automatically switched according to the setting.
• Input or output selection for input/output pins and port or peripheral function selection for multiplexed
pins are set by software.
• Peripheral function output pins are CMOS output pins. Only the R2
3/SO pin can be set to NMOS open-
drain output by software.
• In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. The data
control register (DCD, DCR) is also reset, so input/output pins go to the high-impedance state.
• Each input/output pin has a built-in pull-up MOS, which can be individually turned on or off by
software.
I/O buffer configuration is shown in figure 28, programmable I/O circuits are listed in table 23, and I/O pin
circuit types are shown in table 24.
Table 23 Programmable I/O Circuits
MIS3 (bit 3 of MIS)
0
1
DCD, DCR
0
1
0
1
PDR
01010
101
CMOS buffer
PMOS
———On
—
——On
NMOS
—
—
On
—
—
—
On
—
Pull-up MOS
—————
On
—On
Note:
— indicates off status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com