| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404612FS bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404612FS bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp |
|
67 / 91 page ![]() HD404618 Series 65 VTref GND Time slots 1 2 3 4 5 6789 10 12 11 13 14 15 16 18 19 17 20 21 22 23 24 25 26 27 28 29 30 31 32 Figure 42 Waveform of Tone Output Table 32 Frequency Deviation of the MCU from Standard DTMF Signals Standard DTMF (Hz) MCU (Hz) Deviation from Standard (%) R1 697 694.44 –0.37 R2 770 769.23 –0.10 R3 852 851.06 –0.11 R4 941 938.97 –0.22 C1 1,209 1,212.12 0.26 C2 1,336 1,333.33 –0.20 C3 1,477 1,481.48 0.30 C4 1,633 1,639.34 0.39 Note: This frequency deviation value does not include the frequency deviation due to the oscillator element. Also note that in this case the ratio of the high level and low level widths in the oscillator waveform due to the oscillator element will be 50% : 50%. |