| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404334FS bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404334FS bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp |
|
71 / 80 page ![]() HD404339 Series 69 Notes: 1. Excludes current flowing through pull-up MOS and output buffers. 2. I CC is the source current when no I/O current is flowing while the MCU is in reset state. Test conditions: MCU: Reset Pins: RESET, TEST at GND R0, R3 0 to R72 at V CC D 0–D 13, R1, R2, R8, R9, RA 1 at V disp 3. I SBY is the source current when no I/O current is flowing while the MCU timer is operating. Test conditions: MCU: I/O reset Standby mode Pins: RESET at V CC TEST at GND R0, R3 0 to R72 at V CC D 0–D 13, R1, R2, R8, R9, RA 1 at V disp 4. This is the source current when no I/O current is flowing. Test conditions: Pins: R0, R3 0 to R72 at V CC D 0–D 13, R1, R2, R8, R9, RA 1 at GND 5. Applies to the HD404334, HD404336, HD404338, HD4043312, and HD404339. 6. Applies to the HD4074339. |