| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404334FS bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404334FS bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 80 page ![]() HD404339 Series 44 Timer C Timer C is an 8-bit multifunction timer that includes free-running, reload, and watchdog timer features, which are described as follows. • By setting timer mode register C (TMC: $00D), one of eight internal clocks supplied from prescaler S can be selected • By selecting pin TOC with bit 2 (PMRA2) of port mode register A (PMRA: $004), timer C output (PWM output) is enabled • By setting timer write register CL, U (TWCL, U: $00E, $00F), timer counter C (TCC) can be written to • By setting timer read register CL, U (TRCL, U: $00E, $00F), the contents of timer counter C can be read out • An interrupt can be requested when timer counter C overflows • Timer counter C can be used as a watchdog timer for detecting runaway programs |