| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404094 bảng dữ liệu(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404094 bảng dữ liệu(HTML) 62 Page - Renesas Technology Corp |
|
62 / 103 page ![]() HD404054 Series/HD404094 Series 60 Bit Initial value Read/Write Bit name 3 Undefined W TWDU3 2 Undefined W TWDU2 0 Undefined W TWDU0 1 Undefined W TWDU1 Timer write register D (upper digit) (TWDU: $012) Figure 44 Timer Write Register D Upper Digit (TWDU) • Timer read register D (TRDL: $011, TRDU: $012): Read-only register consisting of a lower digit (TRDL) and an upper digit (TRDU) as shown in figures 45 and 46. The operation of timer read register D is basically the same as that of timer read register C (TRCL: $00E, TRCU: $00F). When the input capture timer operation is selected and if the count of timer D is read after a trigger is input, either the lower or upper digit can be read first. Bit Initial value Read/Write Bit name 3 Undefined R TRDL3 2 Undefined R TRDL2 0 Undefined R TRDL0 1 Undefined R TRDL1 Timer read register D (lower digit) (TRDL: $011) Figure 45 Timer Read Register D Lower Digit (TRDL) Bit Initial value Read/Write Bit name 3 Undefined R TRDU3 2 Undefined R TRDU2 0 Undefined R TRDU0 Timer read register D (upper digit) (TRDU: $012) 1 Undefined R TRDU1 Figure 46 Timer Read Register D Upper Digit (TRDU) |