| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD49335HNP bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD49335HNP bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 30 page ![]() HD49335NP/HNP Rev.1.0, Feb.12.2004, page 8 of 29 6. ADC Digital Output Control Function The ADC digital output includes the functions output enable, code conversion, and test mode. Tables 3, 4 and 5 show the output functions and the codes. Table 3 ADC Digital Output Functions H L H L L L H H H H L L L L H H H H L L L L H H H H L L L L H H H H L L L L H H X L L L L H L L L L H X X X X X L H L H X L H L H X L H L H X L L H H X L L H H X L L H H X L H X X L H H L D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 Hi-Z Same as in table 4. D9 is inverted in table 4. D8 to D0 are inverted in table 4. D9 to D0 are inverted in table 4. Output code is set up to Clamp Level. Same as in table 5. D9 is inverted in table 5. D8 to D0 are inverted in table 5. D9 to D0 are inverted in table 5. Output code is set up to Clamp Level. Low-power wait state Normal operation Pre-blanking Normal operation Pre-blanking Test mode Operating Mode ADC Digital Output Note: 1. STBY, TEST, LINV, and MINV are set by register. Table 4 ADC Output Code (Binary) D1 H L L H H L L L H H D0 H L H L H L L H L H D2 L H H H H L H H H H D7 L L L L H L H H H H D5 L L L L H L H H H H D4 L L L L H L H H H H D3 L L L L H L H H H H D6 L L L L H L H H H H D8 L L L L H L H H H H D9 L L L L L H H H H H 3 4 5 6 511 512 1020 1021 1022 1023 Output Pin Output codes Steps Table 5 ADC Output Code (Gray) D8 L L L L H H L L L L D9 L L L L L H H H H H 3 4 5 6 511 512 1020 1021 1022 1023 D1 H H H L L L H H L L D0 L L H H L L L H H L D2 L H H H L L L L L L D7 L L L L L L L L L L D5 L L L L L L L L L L D4 L L L L L L L L L L D3 L L L L L L L L L L D6 L L L L L L L L L L Output Pin Output codes Steps |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |