| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R32C121 bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C121 bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 113 page ![]() REJ03B0237-0050 Rev.0.50 Jul 31, 2008 Page 12 of 111 Under development Preliminary Specification This is a preliminary specification and is subject to change. R32C/121 Group 1. Overview Table 1.8 Pin Definitions and Functions (2/3) Function Symbol I/O Description Timer A TA0OUT to TA4OUT I/O Timers A0 to A4 input/output TA0IN to TA4IN I Timers A0 to A4 input Timer B TB0IN to TB5IN I Timers B0 to B5 input Three-phase motor control timer output U, U, V, V, W, W O Three-phase motor control timer output Serial interface CTS0 to CTS4 I Handshake input RTS0 to RTS4 O Handshake output CLK0 to CLK4 I/O Transmit/receive clock input/output RXD0 to RXD4 I Serial data input TXD0 to TXD4 O Serial data output I2C bus (simplified) SDA0 to SDA2 I/O Serial data input/output SCL0 to SCL2 I/O Transmit/receive clock input/output Serial interface special functions STXD0 to STXD2 O Serial data output in slave mode SRXD0 to SRXD2 I Serial data input in slave mode SS0 to SS2 I Input to control serial interface special functions A/D converter AN_0 to AN_7 AN0_0 to AN0_7 AN2_0 to AN2_7 I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0 to DA1 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/ A converter |