| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38267EDFS bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38267EDFS bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 30 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) SERIAL INTERFACE Serial I/O1 Serial I/O1 can be used as either clock synchronous or asynchro- nous (UART) serial I/O. A dedicated timer (baud rate generator) is also provided for baud rate generation. (1) Clock Synchronous Serial I/O Mode Clock synchronous serial I/O mode is selected by setting the se- rial I/O1 mode selection bit of the serial I/O1 control register to “1”. For clock synchronous serial I/O mode, the transmitter and the re- ceiver must use the same clock as an operation clock. When an internal clock is selected as an operation clock, transmit or receive is started by a write signal to the transmit buffer regis- ter. When an external clock is selected as an operation clock, serial I/ O1 becomes the state where transmit or receive can be performed by a write signal to the transmit buffer register. Transmit and re- ceive are started by input of an external clock. Fig. 26 Block diagram of clock synchronous serial I/O1 Fig. 27 Operation of clock synchronous serial I/O1 function P46/SCLK1 P47/SRDY1 P44/RXD P45/TXD XIN 1/4 1/4 F/F Serial I/O1 status register Serial I/O1 control register Receive buffer register Address 001816 Receive shift register Receive buffer full flag (RBF) Receive interrupt request Receive clock control circuit Shift clock Serial I/O1 synchronous clock selection bit Frequency division ratio 1/(n+1) Baud rate generator Address 001C16 BRG count source selection bit Falling-edge detector Data bus Address 001816 Shift clock Transmit shift register shift completion flag (TSC) Transmit buffer empty flag (TBE) Transmit interrupt request Transmit interrupt source selection bit Address 001916 Data bus Address 001A16 Transmit buffer register Transmit shift register Transmit clock control circuit Receive enable signal SRDY1 D7 D0 D1 D2 D3 D4 D5 D6 RBF = “1” TSC = “1” TBE = “0” TBE = “1” TSC = “0” Transmit and receive shift clock (1/2 to 1/2048 of the internal clock, or an external clock) Serial output TXD Serial input RXD Write signal to receive/transmit buffer register (address 001816) Overrun error (OE) detection Notes 1 : After data transferring, the TxD pin keeps D7 output value. 2 : If data is written to the transmit buffer register when TSC = “0”, the transmit clock is generated continuously and serial data can be output continuously from the TXD pin. 3 : Select the serial I/O1 transmit interrupt request factor between when the transmit buffer register has emptied (TBE = “1”) or after the transmit shift operation has ended (TSC = “1”), by setting the transmit interrupt source selection bit (TIC) of the serial I/O1 control register. 4 : The serial I/O1 receive interrupt request occurs when the receive buffer full flag (RBF) becomes “1”. D7 D0 D1 D2 D3 D4 D5 D6 (Note 1) (Note 3) (Note 2) (Note 3) (Note 4) |