| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38267EDFS bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38267EDFS bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp |
|
76 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 76 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Set the interrupt request bit to “0” (no interrupt issued) ↓ NOP (one or more instructions) ↓ Execute the BBC or BBS instruction Fig. 3.3.6 Sequence of check of interrupt request bit ■ Reason If the BBC or BBS instruction is executed immediately after an interrupt request bit of an interrupt request register is cleared to “0”, the value of the interrupt request bit before being cleared to “0” is read. (3) Check of interrupt request bit When executing the BBC or BBS instruction to an interrupt request bit of an interrupt request register immediately after this bit is set to “0”, take the following sequence. |