| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38265EDFS bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38265EDFS bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 46 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Voltage Multiplier (3 Times) The voltage multiplier performs threefold boosting. This circuit in- puts a reference voltage for boosting from LCD power input pin VL1. Set each bit of the segment output enable register and the LCD mode register in the following order for operating the voltage mul- tiplier. 1. Set the segment output enable bits (bits 0 to 5) of the seg- ment output enable register to “0” or “1”. 2. Set the duty ratio selection bits (bits 0 and 1), the bias con- trol bit (bit 2), the LCD circuit divider division ratio selection bits (bits 5 and 6), and the LCDCK count source selection bit (bit 7) of the LCD mode register to “0” or “1”. 3. Set the LCD output enable bit (bit 6) of the segment output enable register to “1” (enabled). Apply the limit voltage or less to the VL1 pin. 4. Set the voltage multiplier control bit (bit 4) of the LCD mode register to “1” (voltage multiplier enabled). However, be sure to select 1/3 bias for bias control. When voltage is input to the VL1 pin during operating the voltage multiplier, voltage that is twice as large as VL1 occurs at the VL2 pin, and voltage that is three times as large as VL1 occurs at the VL3 pin. ■Notes on Voltage Multiplier When using the voltage multiplier, apply the limit voltage or less to the VL1 pin, then set the voltage multiplier control bit to “1” (en- abled). When not using the voltage multiplier, set the LCD output enable bit to “1”, then apply proper voltage to the LCD power input pins (VL1–VL3). When the LCD output enable bit is set to “0” (disabled) (during reset is included), the VL3 pin is connected to VCC inside of this microcomputer. When the voltage exceeding VCC is applied to VL3, apply VL3 voltage after setting the LCD output enable bit to “1” (enabled). Fig. 48 Example of circuit at each bias Table 12 Bias control and applied voltage to VL1–VL3 Bias value 1/3 bias 1/2 bias Voltage value VL3=VLCD VL2=2/3 VLCD VL1=1/3 VLCD VL3=VLCD VL2=VL1=1/2 VLCD Note : VLCD is the maximum value of supplied voltage for the LCD panel. Bias Control and Applied Voltage to LCD Power Input Pins To the LCD power input pins (VL1–VL3), apply the voltage shown in Table 12 according to the bias value. Select a bias value by the bias control bit (bit 2 of the LCD mode register). R4 R5 R4 = R5 1/2 bias R1 R2 R3 VCC VL3 VL2 C2 C1 VL1 R1 = R2 = R3 VCC VL3 VL2 C2 C1 VL1 VL3 VL2 C2 C1 VL1 Open Open Contrast control Open Open Contrast control 1/3 bias when not using the voltage multiplier 1/3 bias when using the voltage multiplier |