| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38265EDFS bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38265EDFS bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp |
|
37 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 37 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 37 PWM output timing when PWM register or PWM prescaler is changed Fig. 36 Structure of PWM control register b7 b0 PWM control register (PWMCON : address 002B16) Count source selection bit 0: f(XIN) 1: f(XIN)/2 PWM0 function enable bit 0: PWM0 disabled 1: PWM0 enabled PWM1 function enable bit 0: PWM1 disabled 1: PWM1 enabled Not used (“0” at reading) T T2 C B T PWM register write signal PWM prescaler write signal (Changes from “A” to “B” during “H” period) (Changes from “T” to “T2” during PWM period) PWM (internal) A B T C T2 = stop PWM0 function enable bit PWM1 function enable bit PWM0 output Port Port PWM1 output Port stop Port When the contents of the PWM register or PWM prescaler have changed, the PWM output will change from the next period after the change. |