| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38262EDFS bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38262EDFS bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp |
|
24 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 24 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Key Input Interrupt (Key-on Wake Up) The key input interrupt is enabled when any of port P2 is set to in- put mode and the bit corresponding to key input control register is set to “1”. A Key input interrupt request is generated by applying “L” level voltage to any pin of port P2 of which key input interrupt is en- abled. In other words, it is generated when AND of input level goes from “1” to “0”. A connection example of using a key input in- terrupt is shown in Figure 20, where an interrupt request is gener- ated by pressing one of the keys consisted as an active-low key matrix which inputs to ports P20–P23. Fig. 20 Connection example when using key input interrupt and port P2 block diagram Port P20 latch Port P20 direction register = “0” Port P21 latch Port P21 direction register = “0” Port P22 latch Port P22 direction register = “0” Port P23 latch Port P23 direction register = “0” Port P24 latch Port P24 direction register = “1” Port P25 latch Port P25 direction register = “1” Port P26 latch Port P26 direction register = “1” Port P27 latch Port P27 direction register = “1” P20 input P21 input P22 input P23 input P24 output P25 output P26 output P27 output PULL register A Bit 7 Port P2 Input reading circuit Port PXx “L” level output ✽ P-channel transistor for pull-up ✽ ✽ CMOS output buffer Key input interrupt request P27 key input control bit P26 key input control bit ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ ✽✽ ✽ P25 key input control bit P24 key input control bit P23 key input control bit = “1” PULL register A Bit 6 = “1” P22 key input control bit = “1” P21 key input control bit = “1” P20 key input control bit = “1” |