| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38262EDFS bảng dữ liệu(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38262EDFS bảng dữ liệu(HTML) 38 Page - Renesas Technology Corp |
|
38 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 38 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) A/D CONVERTER [AD Conversion Low-Order Register (ADL)] 001416 [AD Conversion High-Order Register (ADH)] 003516 The AD conversion registers are read-only registers that store the result of an A/D conversion. When reading this register during an A/D conversion, the previous conversion result is read. The high-order 8 bits of a conversion result is stored in the AD conversion high-order register (address 003516), and the low-or- der 2 bits of the same result are stored in bit 7 and bit 6 of the AD conversion low-order register (address 001416). Bit 0 of the AD conversion low-order register is the conversion mode selection bit. When this bit is set to “0”, that becomes the 10-bit A/D mode. When this bit is set to “1”, that becomes the 8-bit A/D mode. [AD Control Register (ADCON)] 003416 The AD control register controls the A/D conversion process. Bits 0 to 2 of this register select specific analog input pins. Bit 3 indi- cates the completion of an A/D conversion. The value of this bit re- mains at “0” during an A/D conversion, then it is set to “1” when the A/D conversion is completed. Writing “0” to this bit starts the A/D conversion. Bit 4 is the VREF input switch bit which controls connection of the resistor ladder and the reference voltage input pin (VREF). The resistor ladder is always connected to VREF when bit 4 is set to “1”. When bit 4 is set to “0”, the resistor ladder is cut off from VREF except for A/D conversion performed. When bit 5, which is the AD external trigger valid bit, is set to “1”, A/D conversion starts also by a falling edge of an ADT input. When using an A/D external trigger, set the P57/ADT pin to input mode (set “0” to bit 7 of port P5 direc- tion register). Comparison Voltage Generator The comparison voltage generator divides the voltage between AVSS and VREF by 256 (when 8-bit A/D mode) or 1024 (when 10- bit A/D mode), and outputs the divided voltages. Channel Selector The channel selector selects one of the input ports P67/AN7–P60/AN0. Comparator and Control Circuit The comparator and control circuit compare an analog input volt- age with the comparison voltage and store the result in the AD conversion register. When an A/D conversion is completed, the control circuit sets the AD conversion completion bit and the A/D conversion interrupt request bit to “1”. Note that because the comparator consists of a capacitor coupling, set f(XIN) to 500 kHz or more during an A/D conversion. Use the clock divided from the main clock f(XIN) as the system clock φ. Fig. 38 Structure of A/D converter-related registers AD control register (ADCON : address 003416) AD conversion completion bit 0 : Conversion in progress 1 : Conversion completed Analog input pin selection bits b2b1b0 0 0 0 : P60/AN0 0 0 1 : P61/AN1 0 1 0 : P62/AN2 0 1 1 : P63/AN3 1 0 0 : P64/AN4 1 0 1 : P65/AN5 1 1 0 : P66/AN6 1 1 1 : P67/AN7 VREF input switch bit 0 : AUTO 1 : ON AD external trigger valid bit 0 : A/D external trigger invalid 1 : A/D external trigger valid b7 b0 Interrupt source selection bit 0 : Interrupt request at AD conversion completed 1 : Interrupt request at ADT input falling Not used (“0” at reading) AD conversion low-order register (ADL : address 001416) Conversion mode selection bit 0 : 10-bit A/D mode 1 : 8-bit A/D mode Not used (“0” at reading) •For 10-bit A/D mode A/D conversion result •For 8-bit A/D mode Not used (undefined at reading) b7 b0 |