công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38263E2FS bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện M38263E2FS
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263E2FS bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button M38263E2FS Datasheet HTML 2Page - Renesas Technology Corp M38263E2FS Datasheet HTML 3Page - Renesas Technology Corp M38263E2FS Datasheet HTML 4Page - Renesas Technology Corp M38263E2FS Datasheet HTML 5Page - Renesas Technology Corp M38263E2FS Datasheet HTML 6Page - Renesas Technology Corp M38263E2FS Datasheet HTML 7Page - Renesas Technology Corp M38263E2FS Datasheet HTML 8Page - Renesas Technology Corp M38263E2FS Datasheet HTML 9Page - Renesas Technology Corp M38263E2FS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 6 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
PART NUMBERING
Fig. 4 Part numbering
M3826
A
E
F
FP
Product
ROM size
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
E: EPROM version or One Time PROM version
Package type
FP
GP
FS
: PRQP0100JB-A
: PLQP0100KB-A
: 100D0
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes
: 2560 bytes
RAM size
0
1
2
3
4
5
6
7
8
9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91