| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38039G6HKP bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38039G6HKP bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 92 page ![]() Rev.1.10 Nov 14, 2005 Page 32 of 91 REJ03B0166-0110 3803 Group (Spec.H QzROM version) PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. Fig 22. Structure of timer XY mode register b7 Timer XY mode register (TM : address 002316) Timer X operating mode bits b1 b0 0 0: Timer mode 0 1: Pulse output mode 1 0: Event counter mode 1 1: Pulse width measurement mode CNTR0 active edge switch bit 0: Interrupt at falling edge Count at rising edge in event counter mode 1: Interrupt at rising edge Count at falling edge in event counter mode Timer X count stop bit 0: Count start 1: Count stop Timer Y operating mode bits b5 b4 0 0: Timer mode 0 1: Pulse output mode 1 0: Event counter mode 1 1: Pulse width measurement mode CNTR1 active edge switch bit 0: Interrupt at falling edge Count at rising edge in event counter mode 1: Interrupt at rising edge Count at falling edge in event counter mode Timer Y count stop bit 0: Count start 1: Count stop b0 |