| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38039G6HKP bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38039G6HKP bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp |
|
63 / 92 page ![]() Rev.1.10 Nov 14, 2005 Page 63 of 91 REJ03B0166-0110 3803 Group (Spec.H QzROM version) PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. Fig 58. Internal status at reset Note : X: Not fixed. Since the initial values for other than above mentioned registers and RAM contents are indefinite at reset, they must be set. Port P0 (P0) Port P0 direction register (P0D) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P3 direction register (P3D) Port P4 (P4) Port P4 direction register (P4D) Port P5 (P5) Port P5 direction register (P5D) Port P6 (P6) Port P6 direction register (P6D) Timer 12, X count source selection register (T12XCSS) Timer Y, Z count source selection register (TYZCSS) MISRG Transmit/Receive buffer register 1 (TB1/RB1) Serial I/O1 status register (SIO1STS) Serial I/O1 control register (SIO1CON) UART1 control register (UART1CON) Baud rate generator 1 (BRG1) Serial I/O2 control register (SIO2CON) Watchdog timer control register (WDTCON) Serial I/O2 register (SIO2) Prescaler 12 (PRE12) Timer 1 (T1) Timer 2 (T2) Timer XY mode register (TM) Prescaler X (PREX) Timer X (TX) Prescaler Y (PREY) Timer Y (TY) (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) (27) (28) (29) (30) (31) (32) (33) Register contents Address 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 Timer Z (low-order) (TZL) Timer Z (high-order) (TZH) Timer Z mode register (TZM) PWM control register (PWMCON) PWM prescaler (PREPWM) PWM register (PWM) Baud rate generator 3 (BRG3) Transmit/Receive buffer register 3 (TB3/RB3) Serial I/O3 status register (SIO3STS) Serial I/O3 control register (SIO3CON) UART3 control register (UART3CON) AD/DA control register (ADCON) AD conversion register 1 (AD1) DA1 conversion register (DA1) DA2 conversion register (DA2) AD conversion register 2 (AD2) Interrupt source selection register (INTSEL) Interrupt edge selection register (INTEDGE) CPU mode register (CPUM) Interrupt request register 1 (IREQ1) Interrupt request register 2 (IREQ2) Interrupt control register 1 (ICON1) Interrupt control register 2 (ICON2) Port P0 pull-up control register (PULL0) Port P1 pull-up control register (PULL1) Port P2 pull-up control register (PULL2) Port P3 pull-up control register (PULL3) Port P4 pull-up control register (PULL4) Port P5 pull-up control register (PULL5) Port P6 pull-up control register (PULL6) Processor status register Program counter (34) (35) (36) (37) (38) (39) (40) (41) (42) (43) (44) (45) (46) (47) (48) (49) (50) (51) (52) (53) (54) (55) (56) (57) (58) (59) (60) (61) (62) (63) (64) (65) 002816 002916 002A16 002B16 002C16 002D16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 0FF016 0FF116 0FF216 0FF316 0FF416 0FF516 0FF616 (PS) (PCH) (PCL) Register contents Address 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 0016 FF16 0116 FF16 0016 0016 FF16 FF16 0016 FF16 FF16 0016 0016 0016 0016 0016 FF16 0016 0016 FF16 0016 0016 0016 0016 X 0 1 1 X 0 1 1 X 0 0 0 X 0 0 0 X 0 1 1 X 0 1 1 X 0 0 0 X 1 0 0 0 X 1 X 0 X 1 X 0 X 1 X 0 X 1 X 0 X 1 X 1 X 1 X 1 X 0 X 1 X 0 X X 0 X 0 0 0 X X X X X 0 0 0 0 0 X X X X X 1 0 1 0 0 X X X X X 0 0 0 0 0 X X X X X 0 X 0 0 0 X X X X X 0 0 0 1 0 X X X X X 1 0 0 1 0 X X X X X 0 0 0 1 1 X X X X 0016 0016 0016 0016 FFFC16 contents FFFD16 contents 0016 0016 0016 X XX 1 X X X X |