| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M306H3FCFP bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306H3FCFP bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 325 page ![]() Rev.1.00 2004.03.23 page 21 of 320 M306H3MC-XXXFP/FCFP 038016 038116 038216 038316 038416 038516 038616 038716 038816 038916 038A16 038B16 038C16 038D16 038E16 038F16 039016 039116 039216 039316 039416 039516 039616 039716 039816 039916 039A16 039B16 039C16 039D16 039E16 039F16 03A016 03A116 03A216 03A316 03A416 03A516 03A616 03A716 03A816 03A916 03AA16 03AB16 03AC16 03AD16 03AE16 03AF16 03B016 03B116 03B216 03B316 03B416 03B516 03B616 03B716 03B816 03B916 03BA16 03BB16 03BC16 03BD16 03BE16 03BF16 Timer A0 register TA0 XX16 XX16 Timer A1 register TA1 XX16 XX16 Timer A2 register TA2 XX16 XX16 Timer B0 register TB0 XX16 XX16 Timer B1 register TB1 XX16 XX16 Timer B2 register TB2 XX16 XX16 Count start flag TABSR 0016 One-shot start flag ONSF 0016 Timer A0 mode register TA0MR 0016 Timer A1 mode register TA1MR 0016 Timer A2 mode register TA2MR 0016 Timer B0 mode register TB0MR 00XX00002 Timer B1 mode register TB1MR 00XX00002 Timer B2 mode register TB2MR 00XX00002 Up-down flag UDF 0016 Timer A3 register TA3 XX16 XX16 Timer A4 register TA4 XX16 XX16 Timer A3 mode register TA3MR 0016 Timer A4 mode register TA4MR 0016 Trigger select register TRGSR 0016 Clock prescaler reset flag CPSRF 0XXXXXXX2 UART0 transmit/receive mode register U0MR 0016 UART0 transmit buffer register U0TB XXXXXXXX2 XXXXXXXX2 UART0 receive buffer register U0RB XXXXXXXX2 XXXXXXXX2 UART1 transmit/receive mode register U1MR 0016 UART1 transmit buffer register U1TB XXXXXXXX2 XXXXXXXX2 UART1 receive buffer register U1RB XXXXXXXX2 XXXXXXXX2 UART0 bit rate generator U0BRG XX16 UART0 transmit/receive control register 0 U0C0 000010002 UART0 transmit/receive control register 1 U0C1 000000102 UART1 bit rate generator U1BRG XX16 UART1 transmit/receive control register 0 U1C0 000010002 UART1 transmit/receive control register 1 U1C1 000000102 DMA1 request cause select register DM1SL 0016 DMA0 request cause select register DM0SL 0016 CRC data register CRCD XX16 XX16 CRC input register CRCIN XX16 UART transmit/receive control register 2 UCON X00000002 Note : The blank areas are reserved and cannot be accessed by users. X : Undefined Address Register Symbol After reset |