công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8112 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8112
Giải thích chi tiết về linh kiện  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Pin Assignments
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
11
T6
HWBS7/HDBS7/HWBE7/HDBE7/PWE7/PSDDQM7/PBS7
U21
A12
T7
HWBS5/HDBS5/HWBE5/HDBE5/PWE5/PSDDQM5/PBS5
U22
A13
T8
TSZ0
V2
HD3/MODCK1
T9
TSZ2
V3
VDDH
T10
TBST
V4
GND
T11
VDD
V5
D0
T12
D16
V6
D1
T13
TT1
V7
D4
T14
D21
V8
D5
T15
D23
V9
D7
T16
IRQ5/DP5/DACK4/EXT_BG3
V10
D10
T17
IRQ4/DP4/DACK3/EXT_DBG3
V11
D12
T18
IRQ1/DP1/DACK1/EXT_BG2
V12
D13
T19
D30
V13
D18
T20
GND
V14
D20
T21
A15
V15
GND
T22
A14
V16
D24
U2
HD16
V17
D27
U3
HD19
V18
D29
U4
HD2/DSI64
V19
A8
U5
D2
V20
A9
U6
D3
V21
A10
U7
D6
V22
A11
U8
D8
W2
HD6
U9
D9
W3
HD5/CNFGS
U10
D11
W4
HD4/MODCK2
U11
D14
W5
GND
U12
D15
W6
GND
U13
D17
W7
VDDH
U14
D19
W8
VDDH
U15
D22
W9
GND
U16
D25
W10
HDST1/HA10
U17
D26
W11
HDST0/HA9
U18
D28
W12
VDDH
U19
D31
W13
GND
U20
VDDH
W14
HD40/D40/ETHRXD0
Table 1. MSC8112 Signal Listing by Ball Designator (continued)
Des.
Signal Name
Des.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44