| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCF52235 bảng dữ liệu(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MCF52235 bảng dữ liệu(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 54 page ![]() Table 3. Pin Functions by Primary and Alternate Purpose Pin Group Primary Function SecondaryF unction Tertiary Function Quaternary Function Drive Strength/ Control1 Wired OR Control Pull-up/ Pull-down2 Pin on 121 MAPBGA Pin on 112 LQFP Pin on 80 LQFP ADC3 AN7 — — PAN[7] Low — — A10 88 64 AN6 — — PAN[6] Low — — B10 87 63 AN5 — — PAN[5] Low — — A11 86 62 AN4 — — PAN[4] Low — — B11 85 61 AN3 — — PAN[3] Low — — C9 89 65 AN2 — — PAN[2] Low — — B9 90 66 AN1 — — PAN[1] Low — — A9 91 67 AN0 — — PAN[0] Low — — C8 92 68 SYNCA CANTX4 FEC_MDIO PAS[3] PDSR[39] — — K1 28 20 SYNCB CANRX4 FEC_MDC PAS[2] PDSR[39] — — J1 27 19 VDDA — — — N/A N/A — A8 93 69 VSSA — — — N/A N/A — A7 96 72 VRH — — — N/A N/A — B8 94 70 VRL — — — N/A N/A — B7 95 71 Clock Generation EXTAL — — — N/A N/A — L7 48 36 XTAL — — — N/A N/A — J7 49 37 VDDPLL5 — — — N/A N/A — K6 45 33 VSSPLL — — — N/A N/A — K7 47 35 Debug Data ALLPST — — — High — — D3 7 7 DDATA[3:0] — — PDD[7:4] High — — E1, F3,F2, F1 12,13,16,17 — PST[3:0] — — PDD[3:0] High — — D10, D9, E10, E9 80,79,78,77 — |