| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD679 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD679 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() BD6xxx Absolute maximum ratings 3/12 1 Absolute maximum ratings Note: For PNP types voltage and current values are negative Table 2. Absolute maximum ratings Symbol Parameter Value Unit NPN BD677 BD677A BD679 BD679A BD681 PNP BD678 BD678A BD680 BD680A BD682 VCBO Collector-base voltage (IE = 0) 60 80 100 V VCEO Collector-emitter voltage (IB = 0) VEBO Emitte-base voltage (IC = 0) 5 V IC Collector current 4 A ICM Collector peak current 6 A IB Base current 0.1 A PTOT Total dissipation at Tcase = 25°C 40 W Tstg Storage temperature -65 to 150 °C TJ Max. operating junction temperature 150 °C |