| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STCF03I bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03I bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 33 page ![]() Introduction STCF03I 19/33 7.12 Reading from multiple registers with incremental addressing Reading from multiple registers starts in the same way like reading from a single register. As soon as the first register is read, the register address is automatically increased. If the master generates an acknowledge pulse after receiving the data from the first register, then reading of the next register can start immediately without sending the device address and the register address again. The last acknowledge pulse before the STOP bit is not required. See the Figure 12. Figure 11. Reading from a single register S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W ADDRESS OF REGISTER A C K M S B L S B S T A R T A C K R / W R E A D DEVICE ADDRESS 7 bits DATA L S B S T O P N O A C K SDA LINE S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W ADDRESS OF REGISTER A C K M S B L S B S T A R T A C K R / W R E A D DEVICE ADDRESS 7 bits DATA L S B S T O P N O A C K SDA LINE Figure 12. Reading from multiple registers S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W ADDRESS OF REGISTER i A C K M S B L S B S T A R T A C K R / W R E A D DEVICE ADDRESS 7 bits DATA i A C K S T O P L S B DATA i+1 A C K L S B DATA i+2 A C K L S B DATA i+2 L S B DATA i+n M S B M S B M S B M S B A C K L S B N O A C K SDA LINE S T A R T DEVICE ADDRESS 7 bits A C K W R I T E M S B L S B R / W ADDRESS OF REGISTER i A C K M S B L S B S T A R T A C K R / W R E A D DEVICE ADDRESS 7 bits DATA i A C K S T O P L S B DATA i+1 A C K L S B DATA i+2 A C K L S B DATA i+2 L S B DATA i+n M S B M S B M S B M S B A C K L S B N O A C K SDA LINE |