công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6756DTR bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện L6756DTR
Giải thích chi tiết về linh kiện  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756DTR bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button L6756DTR Datasheet HTML 18Page - STMicroelectronics L6756DTR Datasheet HTML 19Page - STMicroelectronics L6756DTR Datasheet HTML 20Page - STMicroelectronics L6756DTR Datasheet HTML 21Page - STMicroelectronics L6756DTR Datasheet HTML 22Page - STMicroelectronics L6756DTR Datasheet HTML 23Page - STMicroelectronics L6756DTR Datasheet HTML 24Page - STMicroelectronics L6756DTR Datasheet HTML 25Page - STMicroelectronics L6756DTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Output voltage positioning
L6756D
22/36
5.3
Output voltage load-line definition
L6756D is able to introduce a dependence of the output voltage on the load current
recovering part of the drop due to the output capacitor ESR in the load transient. Introducing
a dependence of the output voltage on the load current, a static error, proportional to the
output current, causes the output voltage to vary according to the sensed current.
Figure 7 shows the current sense circuit used to implement the load-line. The current
flowing across the inductor(s) is read through the R - C filter across CSx and CSxN pins. RG
programs a transconductance gain and generates a current ICSx proportional to the current
of the phase x. The sum of the ICSx current is then sourced by the VFB pin (IDROOP). RFB
gives the final gain to program the desired load-line slope (Figure 6).
Time constant matching between the inductor (L / DCR) and the current reading filter (RC)
is required to implement a real equivalent output impedance of the system so avoiding over
and/or under shoot of the output voltage as a consequence of a load transient. The output
characteristic vs. load current is then given by (Offset disabled):
Where RLL is the resulting load-line resistance implemented by the controller. The whole
power supply can be then represented by a “real” voltage generator with an equivalent
output resistance RLL and a voltage value of VID.
RFB resistor can be then designed according to the RLL specifications as follow:
Note:
Load-Line (DROOP) implementation is optional, in case it is not desired, the resulting
current information available on VDRP may be employed for other purposes, such as an
additional Load Indicator (LI2). In this case, simply connect a resistor RLI2 to SGND: the
resulting voltage drop across RLI2 will be proportional to the delivered current according to
the following relationship:
In case no additional information about the delivered current is requested, the VDRP pin can
be shorted to SGND.
5.4
Output voltage offset
The current (IOS) sunk from the VSEN pin allows programming a positive offset (VOS) for the
output voltage by connecting a resistor ROS to VOUT in series to the FB loop. The sunk cur-
rent generates a voltage drop according to the connected ROS. Output voltage is then pro-
grammed as follow:
Caution:
Offset resistor impacts the voltage positioning! It need to be considered in series to RFB.
Note:
Offset implementation is optional: in case it is not desired, simply consider using ROS = 0 Ω.
V
OUT
VID
R
FB
I
DROOP
⋅
–
VID
R
FB
DCR
R
G
------------- I
OUT
⋅⋅
–
VID
R
LL
I
OUT
⋅
–
==
=
R
FB
R
LL
R
G
DCR
-------------
⋅
=
V
LI2
R
LI2
DCR
R
G
------------- I
OUT
⋅⋅
=
V
CORE
VID
R
FB
R
OS
+
() I
DROOP
R
OS
I
OS
⋅
+
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com