công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6756DTR bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện L6756DTR
Giải thích chi tiết về linh kiện  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756DTR bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button L6756DTR Datasheet HTML 15Page - STMicroelectronics L6756DTR Datasheet HTML 16Page - STMicroelectronics L6756DTR Datasheet HTML 17Page - STMicroelectronics L6756DTR Datasheet HTML 18Page - STMicroelectronics L6756DTR Datasheet HTML 19Page - STMicroelectronics L6756DTR Datasheet HTML 20Page - STMicroelectronics L6756DTR Datasheet HTML 21Page - STMicroelectronics L6756DTR Datasheet HTML 22Page - STMicroelectronics L6756DTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
L6756D
Device description and operation
19/36
4
Device description and operation
L6756D is a programmable two-to-four phase PWM controller providing complete control
logic and protections for a high performance step-down DC-DC voltage regulator optimized
for advanced microprocessor power supply. The device is a dual-edge asynchronous PWM
controller featuring patented LTB Technology®: through a load transient detector, it turns on
simultaneously all the phases allowing to minimize output voltage deviation so minimizing
the system cost by providing the fastest response to a load transition.
Multi-phase buck is the simplest and most cost-effective topology employable to satisfy the
increasing current demand of newer microprocessors and modern high current VRM
modules. It allows distributing equally load and power between the phases using smaller,
cheaper and most common external power MOSFETs and inductors. Moreover, thanks to
the equal phase shift between each phase, the input and output capacitor count results in
being reduced. Phase interleaving causes in fact input rms current and output ripple voltage
reduction and show an effective output switching frequency increase: the 200 kHz
free-Running frequency per phase, externally adjustable through a resistor, results
multiplied on the output by the number of phases.
L6756D permits easy system design by allowing current reading across inductor in fully
differential mode. Also a sense resistor in series to the inductor can be considered to
improve reading precision. The current information read corrects the PWM output in order to
equalize the average current carried by each phase.
The controller includes multiple DACs, selectable through an apposite pin, allowing
compatibility with Intel VR10, VR11 and VR11.1 processors specifications, also performing
D-VID transitions accordingly.
The device is VR11.1 compatible implementing the Imon signal and managing the PSI#
signal to enhance the system performances at low current in low power-states.
Low-side-less start-up allows soft-start over pre-biased output avoiding dangerous current
return through the main inductors as well as negative spike at the load side.
L6756D provides overvoltage protection to protect the load from dangerous over stress
latching immediately by turning ON the lower driver and driving high the FAULT pin.
The device is available in a compact VFQFPN40 with 6x6 mm body package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com