| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPCATLAS bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCATLAS bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 111 page ![]() ELECTRICAL SPECIFICATIONS Issue 1.0 - July 24, 2002 65/111 4.5.12 VIDEO INPUT PORT Table 4-21 lists the AC characteristics of the VIP interface. Table 4-21. Video Input AC Timings Name Parameter Min Max Unit VCLK Cycle Time ns VCLK High Time ns VCLK Low Time ns VCLK Rising Time ns VCLK Falling Time ns VIN[7:0] setup to VCLK ns VIN[7:0] hold from VCLK ns ODD_EVEN setup to VCLK ns ODD_EVEN hold from VCLK ns VCS setup to VCLK ns VCS hold from VCLK ns |