công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745PTP3 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TMS320C6745PTP3
Giải thích chi tiết về linh kiện  Floating-point Digital Signal Processor
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP3 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS320C6745PTP3 Datasheet HTML 17Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 19Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 20Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 21Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 22Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 23Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 24Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 209 page
background image
3.6 Terminal Functions
3.6.1
Device Reset and JTAG
3.6.2
High-Frequency Oscillator and PLL
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377A – SEPTEMBER 2008 – REVISED OCTOBER 2008
to identify the external signal names, the associated pin/ball numbers along with the mechanical package
designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal pullup/pulldown
resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin description.
Table 3-4. Reset and JTAG Terminal Functions
PIN NO
SIGNAL NAME
TYPE
PULL
DESCRIPTION
PTP
ZKB
RESET
RESET
146
G3
I
Device reset input
AMUTE0/RESETOUT
-
L4
O
IPD
Reset output. Multiplexed with McASP0 mute output.
JTAG
TMS
152
J1
I
IPU
JTAG test mode select
TDI
153
J2
I
IPU
JTAG test data input
TDO
156
J3
O
IPU
JTAG test data output
TCK
155
H3
I
IPU
JTAG test clock
TRST
150
J4
I
IPD
JTAG test reset
EMU[0]/GP7[15]
-
J5
I/O
IPU
Miscellaneous emulation pin.
GP7[14]
157
K1
I/O
IPU
General-Purpose IO signal.
Table 3-5. High-Frequency Oscillator and PLL Terminal Functions
PIN NO
SIGNAL NAME
TYPE
PULL
DESCRIPTION
PTP
ZKB
1.2-V OSCILLATOR
OSCIN
143
F2
I
Oscillator input
OSCOUT
145
F1
O
Oscillator output
OSCVSS
144
E2
GND
Oscillator ground (for filter only)
1.2-V PLL
PLL0_VDDA
141
D1
PWR
PLL analog VDD (1.2-V filtered supply)
PLL0_VSSA
142
E1
GND
PLL analog VSS (for filter)
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com