công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN75DP118RHHT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN75DP118RHHT
Giải thích chi tiết về linh kiện  DisplayPort 1:1 Repeater
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN75DP118RHHT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN75DP118RHHT Datasheet HTML 1Page - Texas Instruments SN75DP118RHHT Datasheet HTML 2Page - Texas Instruments SN75DP118RHHT Datasheet HTML 3Page - Texas Instruments SN75DP118RHHT Datasheet HTML 4Page - Texas Instruments SN75DP118RHHT Datasheet HTML 5Page - Texas Instruments SN75DP118RHHT Datasheet HTML 6Page - Texas Instruments SN75DP118RHHT Datasheet HTML 7Page - Texas Instruments SN75DP118RHHT Datasheet HTML 8Page - Texas Instruments SN75DP118RHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RECOMMENDED OPERATING CONDITIONS
DEVICE POWER
ELECTRICAL CHARACTERISTICS
HOT PLUG AND CABLE ADAPTER DETECT
ELECTRICAL CHARACTERISTICS
SN75DP118
www.ti.com..................................................................................................................................... SLLS916A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply Voltage
4.5
5
5.5
V
VDD
HPD and CAD Output reference voltage
1.62
5.25
V
TA
Operating free-air temperature
0
85
°C
MAIN LINK DIFFERENTIAL PINS
VID
Peak-to-peak input differential voltage
0.15
1.40
V
dR
Data rate
2.7
Gbps
Rt
Termination resistance
45
50
55
Ω
VO(term)
Output termination voltage
0
2
V
HPD, CAD, AND CONTROL PINS
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input Voltage
0
0.8
V
The SN75DP118 is designed to operate off of a single 5V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LP = 5.5 V; ML: VPP = 1200 mV, 2.7 Gbps, PRBS;
HPD_IN/CAD_IN/CAD_INV = 5.5 V;
ICC
Supply current
50
55
mA
VCC = 5.5 V, VDD = 5.25 V; Temp = 85°C;
DPadj = 6.49 kΩ
IDD
Supply current
VDD = 5.5 V
0.1
2
mA
LP = 0 V; HPD_IN/CAD_IN/CAD_INV = 5.5 V;
VCC = 5.5 V, VDD = 5.25 V;
ISD
Shutdown current
4
10
µA
Temp = 85°C; DPadj = 6.49 kΩ
The SN75DP118 has a built in level shifter for the HPD and CAD outputs. The output voltage level of the HPD
and CAD pins is defined by the voltage level of the VDD pin. The state of the HPD pin will also set the active
state of the device. If HPD is low the device will enter low power mode. Once HPD goes high, the device will
come out of low power mode and enter active mode. If HPD goes LOW for a period of time exceeding tT(HPD), the
device will enter the low power mode.
over recommended operating (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH5
IOH = –100 µA, VDD = 5V
4.5
5
V
VOH3.3
IOH = –100 µA, VDD = 3.3 V
3
3.3
V
High-level output voltage
VOH2.5
IOH = –100 µA, VDD = 2.5 V
2.25
2.5
V
VOH1.8
IOH = –100 µA, VDD = 1.8 V
1.62
1.8
V
VOL
Low-level output voltage
IOH = 100 µA
0
0.4
V
IH
High-level input current
VIH = 2 V, VCC = 5.5 V
–10
10
µA
IL
Low-level input current
VIL = 0.8 V, VCC = 5.5 V
–10
10
µA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75DP118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com