công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV8247 bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STV8247
Giải thích chi tiết về linh kiện  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247 bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STV8247_06 Datasheet HTML 47Page - STMicroelectronics STV8247_06 Datasheet HTML 48Page - STMicroelectronics STV8247_06 Datasheet HTML 49Page - STMicroelectronics STV8247_06 Datasheet HTML 50Page - STMicroelectronics STV8247_06 Datasheet HTML 51Page - STMicroelectronics STV8247_06 Datasheet HTML 52Page - STMicroelectronics STV8247_06 Datasheet HTML 53Page - STMicroelectronics STV8247_06 Datasheet HTML 54Page - STMicroelectronics STV8247_06 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 156 page
background image
51/156
STV82x7
I²C Interface
11.2
Start-up and Configuration Change Procedure
The DSP running loop is:
● Read IC registers and update internal structures (memory variables)
● Process sound samples
● Write I²C registers with new updated values
The step “process sound sample” duration is 1ms. This is shown in Figure 30.
When programming I²C read/write register with addresses between 80h and FFh this flow has to be
taken into account.
For example, if two different values are written in the same register in less than 2 ms, it is possible
that the DSP doesn’t see the first value (because the second value over-writes the first one during
the “DSP processing” phase, before DSP can read the registers again).
In the same way, when waiting for a register value change, the software programme must wait for at
least 2 ms in order to allow sufficient time for the DSP to update the register values.
Figure 30: Simplified DSP Processing Flow
(DSP RUN)
HW_RESET bit = 1
(bit 2 in HOST_CMD register)
INIT_MEM bit status?
(bit 0 in DSP_STATUS register
(DSP Initialization)
(Start DSP Processing)
HOST_RUN bit = 1
(bit 0 in DSP_RUN register)
,
(Simultaneously read the
128 I²C registers)
(DSP processing time = 1ms)
(Simultaneously write the
Load Patch File
1
0
Read I²C Registers
Update internal Structures
DSP Processing
Update I²C Registers
I²C Registers
(HW space)
80h
81h
82h
83h
84h
...
...
FEh
FFh
128 I²C registers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com