| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLS2F01 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLS2F01 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 48 page ![]() STLS2F01 Pin arrangement and package information 43/48 8 Pin arrangement and package information 8.1 Pin arrangement The STLS2F01 processor is packaged in HFCBGA452. The pin arrangement is showed in Figure 11, and Figure 13, Figure 11. Pin arrangement (left-hand side) 1 2 3 4 5 6 7 8 9 A gnde vdd TEST_CTRL7 LIO_AD01 LIO_AD04 LIO_AD12 LIO_A3 LIO_A5 LIO_A7 B vdd gnde TEST_CTRL5 TEST_CTRL6 LIO_AD05 LIO_AD08 LIO_A1 LIO_A4 sysclk C vdd TEST_CTRL3 gnde memclk SYSRESETN LIO_AD06 LIO_AD14 LIO_A0 testclk D TEST_CTRL0 TEST_CTRL1 TEST_CTRL2 gnde pllclock1 LIO_AD02 LIO_AD10 LIO_AD09 pllclock0 E pll_vdd_1 gpio0 gpio2 gpio3 F pllio_vdde1v8 pll_gnd_1 pll_vdde1v8_1 pll_gnde_1 G gpio1 pllio_gnd pllio_vdd pllio_gnde H vdd pll_gnde_0 gnde gnde 9 J vdd gnde pll_gnd_0 pll_vdde1v8_0 J gnde K CLKSEL7 pll_vdd_0 gnde gnde K gnde L CLKSEL6 CLKSEL5 CLKSEL8 CLKSEL9 L vdd M CLKSEL3 CLKSEL4 CLKSEL0 CLKSEL2 M vdd N vdd CLKSEL1 PCI_CONFIG7 PCI_CONFIG6 N vdd P vdd PCI_CONFIG5 PCI_CONFIG4 vdde3v3 P vdd R PCI_CONFIG3 PCI_CONFIG0 PCI_CONFIG1 vdde3v3 R vdd T PCI_CONFIG2 PCI_IDSEL PCI_AD00 PCI_AD02 T vdd U PCI_AD01 PCI_AD03 PCI_AD05 PCI_AD04 U gnde V PCI_CBEn0 PCI_AD06 PCI_AD07 PCI_AD08 V gnde W PCI_AD10 PCI_AD09 PCI_AD12 PCI_AD14 9 Y GND PCI_AD11 PCI_AD13 PCI_CBEn1 AA PCI_AD15 PCI_PAR PCI_SERR PCI_FRAMEn AB PCI_PERR PCI_STOPn PCI_IRDYn VDD AC PCI_TRDYn PCI_DEVSELn vdd gnde PCI_AD19 PCI_AD22 PCI_AD28 PCI_AD30 PCI_GNTn5 AD vdd PCI_CBEn2 gnde PCI_AD17 PCI_AD23 PCI_AD24 PCI_AD27 PCI_GNTn6 PCI_REQn5 AE vdd gnde PCI_AD16 PCI_AD18 PCI_AD21 PCI_AD26 PCI_AD31 PCI_REQn6 PCI_GNTn3 AF gnde vdd vdd PCI_AD20 PCI_CBEn3 PCI_AD25 PCI_AD29 PCI_REQn4 PCI_GNTn4 1 2 3 4 5 6 7 8 9 |