| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2007DIE2 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007DIE2 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 62 page ![]() STE2007 Power on/power off timing sequence 43/62 * = Disabled bits. Command Code Function (D/C) D7 D6D5D4D3 D2D1D0 Hex Charge Pump 0 0 01 11 101 3D Sets the Charge Pump Mux Factor 0 * * *** * Charge Pump Refresh Rate 0 1 11 01 111 EF Sets the Display Refresh Frequency 0 * * *** * Refersh Rate Bias ratio 0 0 0 1 1 0 Bias Ratio Sets the VLCD N-line Inversion 0 1 01 01 101 AD 0 * * F1 N-Line Inversion Number of Lines 0 1 1 0 1 0 Mux Rate Image Location 0 1 01 01 100 AC SET Initial Row on Display 0 * * * * * IL[2:0] Icon Mode 0 1 11 11 00 Ico n STM TEST MODE1 0 1 01 01 001 A9 Reserved for STM (STM Test Mode) 0 * * *** ** * STM TEST MODE2 0 1 0 1 0 1 0 1 0 AA Reserved for STM (STM Test Mode) STM TEST MODE3 0 1 0 1 0 1 0 1 1 AB Reserved for STM (STM Test Mode) STM TEST MODE4 0 1 0 1 0 1 0 0 0 A8 Reserved for STM (STM Test Mode) STM TEST MODE5 0 1 1 1 1 1 1 1 1 FF Reserved for STM (STM Test Mode) STM TEST MODE6 0 1 1 1 1 1 1 0 0 FC Reserved for STM (STM Test Mode) STM TEST MODE7 0 1 1 1 1 1 1 1 0 FE Reserved for STM (STM Test Mode) STM TEST MODE8 0 1 1 1 1 1 1 0 1 FD Reserved for STM (STM Test Mode) Table 18. Instruction Set (continued) |