| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA309A bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 67 page ![]() Registers STA309A 54/67 7.2.57 Channel I2S output mapping channels 1 and 2 (0x37) 7.2.58 Channel I2S output mapping channels 3 and 4 (0x38) 7.2.59 Channel I2S output mapping channels 5 and 6 (0x39) 7.2.60 Channel I2S output mapping channels 7 and 8 (0x3A) Each I2S output channel can receive data from any channel output of the volume block. Which channel a particular I2S output receives is dependent upon that channels CnOM register bits. D7 D6 D5 D4 D3 D2 D1 D0 C2OM2 C2OM1 C2OM0 C1OM2 C1OM1 C1OM0 00 1 0 00 D7 D6 D5 D4 D3 D2 D1 D0 C4OM2 C4OM1 C4OM0 C3OM2 C3OM1 C3OM0 01 1 0 10 D7 D6 D5 D4 D3 D2 D1 D0 C6OM2 C6OM1 C6OM0 C5OM2 C5OM1 C5OM0 10 1 1 00 D7 D6 D5 D4 D3 D2 D1 D0 C8OM2 C8M1 C8OM0 C7OM2 C7OM1 C7OM0 11 1 1 10 Table 79. CnOM serial output CnOM[2:0] Serial output from 000 Channel 1 001 Channel 2 010 Channel 3 011 Channel 4 100 Channel 5 101 Channel 6 110 Channel 7 111 Channel 8 |