| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M54HC4538 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4538 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 13 page ![]() M54HC4538 8/13 Table 7: Capacitive Characteristics 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC’ Duty/100 + IC/2(per monostable) (Icc’: Active Supply current) (Duty:%) Figure 6: Test Circuit CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50Ω) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 5.0 5 10 10 10 pF CPD Power Dissipation Capacitance (note 1) 5.0 70 pF |